| g 2 w & , 5 & 8 , 7 | g m 2 w 2 2 8 7 / , 1 ( ' 5 $ : , 1 * ' l p h q v l r q >y p p >[ | q a >k d [ l p x p 5 d w l q j v 8o % parameter 0? symbol *?}??? grade ") unit pt150myn16 PT150MYN18 c~3k???3?7} *1 repetitive peak reverse voltage v rrm 1600 1800 v 8 c~3k???3?7} *1 non repetitive peak reverse voltage v rsm 1700 1900 v 8o % parameter 0 ? symbol 2 conditions a max.rated value ") unit 1??7v average rectified output current io (av) u%&
2<zv tc = 114 3-phase full wave rectified 150 a ?a8p7v *1 surge forward current i fsm 50hz g;<>* 1 >?>?>?>>*8 c~3k half sine wave, 1pulse, non-repetitive 1500 a 7v?6?' *1 i squared t i 2 t 2 >| 10ms 11250 a 2 >q 8k? ?( v operating junction temperature range tjw -40 >| +150 ?? ?( v storage temperature range tstg -40 >| +125 )/)?*?} isolation voltage viso '?>+???6?>* ac 1 (6? / 1 &6? terminal to base, ac 1min.. / 1sec. 3000 / 3600 v )~oy? mounting torque ???4? mounting >d >?>?>->>?>?>>?>?>?>>?,x greased m5 2.5 >| 3.5 n m z'?4? terminal m5 2.5 >| 3.5 n m | 7 ? $ "i ? ( o h f w u l f d o & k d u d f w h u l v w l f v 8o % parameter 0? symbol 2 conditions "i?>&q>' maximum value ") unit ???3?7v *1 peak reverse current i rm tj=150 >* v rm =v rrm 5m a ???8p7} *1 peak forward voltage v fm > tj= 25 >* i fm =300a 1.54 v !??? thermal resistance r th(j-c) k?4?>+??6?>&>>?>?>>8 tc !l>?>?>a>?%$w>' junction to case, total 0.06 /w k0?!??? thermal resistance r th(c-f) ??>+???6?>&>>?>?>>'>*>?>?>->>?>?>>?>?>?>>?,x case to fin, total, greased 0.09 /w 2a 5 >+>+>+ ( 250g *1 >8>/??\~b value per 1 arm. approximate weight ? ? ? ? ? o s n ? ? > _ _ ? ? > o o v n n > ? ? ? ? ? > n r o s n k w l o v > >
|